전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB-KW019032 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 USB-KW019032
상세설명  USB-KW019032 Freescale USB Dongle Development Board
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB-KW019032 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  USB-KW019032 Datasheet HTML 1Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 2Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 3Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 4Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 5Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 6Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 7Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 8Page - Freescale Semiconductor, Inc USB-KW019032 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
USB-KW019032 Freescale USB Dongle Development Board , User’s Guide, Rev. 0, 10/2015
2
Freescale Semiconductor, Inc.
Safety information
2
Safety information
2.1
FCC guidelines
This equipment is to be used by developers for evaluation purposes only, and it must not be incorporated
into any other device or system. This device is not to be sold to the general public. Integrators will be
responsible for reevaluating the end product (including the transmitter), and obtaining a separate FCC
authorization.
The FCC approval of this device only covers the original configuration of this device (as supplied).
Any modifications to this product (including changes shown in this manual) violate the rules of the Federal
Communications Commission and Industry Canada, and make operation of the product unlawful.
2.1.1
Labeling
The FCC labels are located on the back of the board.
2.1.2
Operating conditions
This device complies with part 15 of the FCC rules. Operation is subject to the following two conditions:
•
This device must not cause harmful interference
•
This device must accept any interference received, including interference that can cause undesired
operation
2.1.3
Exposure limits
This equipment complies with FCC radiation exposure limits set forth for an uncontrolled environment.
The antenna(s) used for this equipment must be installed to provide a separation distance of at least
eight inches (20 cm) from people.
2.1.4
Antenna restrictions
An intentional radiator is designed to ensure that no antenna other than that furnished by the responsible
party is used with the device. The use of a permanently attached antenna (or of an antenna that uses unique
coupling to the intentional radiator) is considered sufficient to comply with the provisions of this section.
The manufacturer can design the unit so that a broken antenna can be replaced by the user, but the use of
a standard antenna jack or electrical connector is prohibited. This requirement does not apply to carrier
current devices or to devices operated under the provisions of sections 15.211, 15.213, 15.217, 15.219, or
15.221 of the IEEE 802.15.4 standard. Further on, this requirement does not apply to intentional radiators
that must be professionally installed, such as perimeter-protection systems and some field-disturbance
sensors, or to other intentional radiators, which, in accordance with section 15.31(d), must be measured at
the installation site. However, the installer is responsible for ensuring that a proper antenna is employed,
so that the limits in this part are not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com