전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB3503 데이터시트(PDF) 14 Page - Microchip Technology

부품명 USB3503
상세설명  USB 2.0 HSIC High-Speed Hub Controller Optimized
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB3503 데이터시트(HTML) 14 Page - Microchip Technology

Back Button USB3503 Datasheet HTML 10Page - Microchip Technology USB3503 Datasheet HTML 11Page - Microchip Technology USB3503 Datasheet HTML 12Page - Microchip Technology USB3503 Datasheet HTML 13Page - Microchip Technology USB3503 Datasheet HTML 14Page - Microchip Technology USB3503 Datasheet HTML 15Page - Microchip Technology USB3503 Datasheet HTML 16Page - Microchip Technology USB3503 Datasheet HTML 17Page - Microchip Technology USB3503 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
USB3503
DS00001584B-page 14
 2011-2015 Microchip Technology Inc.
Figure 3-3 also shows an alternate configuration option (CFGP.INTSUSP) for a suspend interrupt. This option allows
the user to change the behavior of the INT_N pin to become a direct level indication of configuration and suspend status.
When selected, the INT_N indicates that the entire hub has entered the USB suspend state.
Note:
Because INT_N is driven low when active, care must be taken when selecting the external pullup resistor
value for this open drain output. A sufficiently large resistor must be selected to insure suspend current
requirements can be satisfied for the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73