| 전자부품 데이터시트 검색엔진 |
|
DLPC3433ZVB 데이터시트(PDF) 49 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DLPC3433ZVB 데이터시트(HTML) 49 Page - Texas Instruments |
|
49 / 62 page ![]() DLPC3433, DLPC3438 www.ti.com DLPS035B – FEBRUARY 2014 – REVISED JANUARY 2016 If an external oscillator is used, then the oscillator output must drive the PLL_REFCLK_I pin on the DLPC343x ASIC and the PLL_REFCLK_O pins should be left unconnected. Table 12. DLPC343x Recommended Crystal Parts(1)(2)(3) PASSED TEMPERATURE LOAD MANUFACTURER PART NUMBER SPEED ESR DVT AND AGING CAPACITANCE Yes KDS 1ZZCAA24000EE0C 24 MHz ±50 ppm 120- Ω max 8 pF No Muratta XRCGB24M000F0L11R0 24 MHz ±100 ppm 120- Ω max 6 pF NX2016SA 24M No NDK 24 MHz ±145 ppm 120- Ω max 6 pF EXS00A-CS05733 (1) These crystal devices appear compatible with the DLPC343x, but only those marked with yes in the DVT column have been validated. (2) Crystal package sizes: 2.0 × 1.6 mm for both crystals (3) Operating temperature range: –30°C to +85°C for all crystals 11.1.3 General PCB Recommendations TI recommends 1-oz. copper planes in the PCB design to achieve needed thermal connectivity. 11.1.4 General Handling Guidelines for Unused CMOS-Type Pins To avoid potentially damaging current caused by floating CMOS input-only pins, TI recommends that unused ASIC input pins be tied through a pullup resistor to its associated power supply or a pulldown to ground. For ASIC inputs with an internal pullup or pulldown resistors, it is unnecessary to add an external pullup or pulldown unless specifically recommended. Note that internal pullup and pulldown resistors are weak and should not be expected to drive the external line. The DLPC343x implements very few internal resistors and these are noted in the pin list. When external pullup or pulldown resistors are needed for pins that have built-in weak pullups or pulldowns, use the value 8 k Ω (max). Unused output-only pins should never be tied directly to power or ground, but can be left open. When possible, TI recommends that unused bidirectional I/O pins be configured to their output state such that the pin can be left open. If this control is not available and the pins may become an input, then they should be pulled-up (or pulled-down) using an appropriate, dedicated resistor. Copyright © 2014–2016, Texas Instruments Incorporated Submit Documentation Feedback 49 Product Folder Links: DLPC3433 DLPC3438 |