전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

USB2240 데이터시트(PDF) 37 Page - Microchip Technology

부품명 USB2240
상세설명  Ultra Fast USB 2.0 Multi-Format
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

USB2240 데이터시트(HTML) 37 Page - Microchip Technology

Back Button USB2240 Datasheet HTML 33Page - Microchip Technology USB2240 Datasheet HTML 34Page - Microchip Technology USB2240 Datasheet HTML 35Page - Microchip Technology USB2240 Datasheet HTML 36Page - Microchip Technology USB2240 Datasheet HTML 37Page - Microchip Technology USB2240 Datasheet HTML 38Page - Microchip Technology USB2240 Datasheet HTML 39Page - Microchip Technology USB2240 Datasheet HTML 40Page - Microchip Technology USB2240 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
 2010 - 2015 Microchip Technology Inc.
DS00001979A-page 37
USB224X
11.0
PACKAGE OUTLINE
TABLE 11-1:
USB224X 36-QFN, 6X6 MM BODY, 0.5 MM PITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43