전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

A6986F5V 데이터시트(PDF) 57 Page - STMicroelectronics

부품명 A6986F5V
상세설명  38 V 1.5 A synchronous step-down switching regulator
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6986F5V 데이터시트(HTML) 57 Page - STMicroelectronics

Back Button A6986F5V Datasheet HTML 53Page - STMicroelectronics A6986F5V Datasheet HTML 54Page - STMicroelectronics A6986F5V Datasheet HTML 55Page - STMicroelectronics A6986F5V Datasheet HTML 56Page - STMicroelectronics A6986F5V Datasheet HTML 57Page - STMicroelectronics A6986F5V Datasheet HTML 58Page - STMicroelectronics A6986F5V Datasheet HTML 59Page - STMicroelectronics A6986F5V Datasheet HTML 60Page - STMicroelectronics A6986F5V Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 72 page
background image
DocID027739 Rev 1
57/72
A6986F
Application board
72
Table 19. A6986F adj. demonstration board BOM
For Table 17 Bode’s plot please refer to Section 6.4 on page 41.
Figure 46 and Figure 47 show the magnitude and phase margin Bode’s plots related to
Table 18.
The small signal dynamic performance in this configuration is:
Equation 55
Figure 46. Magnitude Bode’s plot
Reference
Part number
Description
Manufacturer
R7
200 k
 - 1% - 0603
C7
3.3 pF - 50 V - 0603
R9
33 k
 - 1% - 0603
R8
180 k
 - 1% - 0603
C8
62 pF - 50 V - 0603
C4
2.2 pF - 50 V - 0603
J3
OPEN
Switchover enabled
L1
XAL4040-103MEC
10
HCoilcraft
U1
A6986F
External divider
STM
BW
57kHz
=
phase margin
70
0
=
0.1
1
10
100
110
3
110
4
110
5
110
6
110
7
30
17
4
9
22
35
48
61
74
87
100
EXTERNAL LOOP MODULE
F[H ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com