| 전자부품 데이터시트 검색엔진 |
|
HVLED002TR 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
HVLED002TR 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 19 page ![]() Absolute maximum ratings HVLED002 4/19 DocID028720 Rev 1 1 Absolute maximum ratings Table 2. Absolute maximum ratings(1) 1. All voltages are with respect to the pin 5, all currents are positive into the specified terminal. Symbol Parameter Value Unit Vi Supply voltage 30 V IO Output current ± 1 A EO Output energy (capacitive load) 5 µJ Analog inputs (pins 2, 3) - 0.3 to 5.5 V Error amplifier output sink current 10 mA |