| 전자부품 데이터시트 검색엔진 |
|
L7292DT 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7292DT 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 60 page ![]() Register map L7292 36/60 DocID028601 Rev 1 9.2.17 REGCTRL.DSM - deep sleep mode 0: deep sleep mode disabled. 1: deep sleep mode enabled. 9.2.18 REGCTRL.LDO pull-down 0: pull-down but not in DSM. 1: always pull-down. 9.2.19 REGCTRL.YYYxDIS - PSRx/LDO disable 0: regulator is turned on. 1: regulator is turned off. 9.2.20 SETCTRL.BUSY - busy EEPROM busy, new operation not allowed. 0: new operation can be commanded. 1: no new operation can be commanded; all registers are locked, writing operation will not have effect. 9.2.21 SETCTRL.SDI - setting data integrity Setting data integrity status. 0: OK, data integrity check passed. 1: fault, data integrity check not passed. 9.2.22 SETCTRL.CMD - command Operation to be executed on setting data registers: address 0x00-0x0E. 0x0: no operation. 0x1: save as default. 0x2: restore default. 0x3: restore factory default. 9.2.23 STATUS.YYYxFL - fault Temperature, PSRx and LDO fault status. 0: no fault. 1: fault detected. |