전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RPC56EL60L5BOQR 데이터시트(PDF) 48 Page - STMicroelectronics

부품명 RPC56EL60L5BOQR
상세설명  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5BOQR 데이터시트(HTML) 48 Page - STMicroelectronics

Back Button RPC56EL60L5BOQR Datasheet HTML 44Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 45Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 46Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 47Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 48Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 49Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 50Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 51Page - STMicroelectronics RPC56EL60L5BOQR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
48/137
DocID026934 Rev 1
B6
A[9]
SIUL
GPIO[9]
GPIO[9]
DSPI_2
CS1
—
FlexPWM_0
B[3]
B[3]
FlexPWM_0
—
FAULT[0]
B7
D[4]
SIUL
GPIO[52]
GPIO[52]
FlexRay
CB_TR_EN
—
eTimer_1
ETC[5]
ETC[5]
FlexPWM_0
B[3]
B[3]
B8
D[0]
SIUL
GPIO[48]
GPIO[48]
FlexRay
CA_TX
—
eTimer_1
ETC[1]
ETC[1]
FlexPWM_0
B[1]
B[1]
B9
VSS_HV_IO_RING
—
B10
H[12]
SIUL
GPIO[124]
GPIO[124]
FlexPWM_1
B[2]
B[2]
B11
E[15]
SIUL
GPIO[79]
GPIO[79]
DSPI_0
CS1
—
SIUL
—
EIRQ[27]
B12
E[14]
SIUL
GPIO[78]
GPIO[78]
eTimer_1
ETC[5]
ETC[5]
SIUL
—
EIRQ[26]
B13
B[3]
SIUL
GPIO[19]
GPIO[19]
SSCM
DEBUG[3]
—
LINFlexD_0
—
RXD
B14
F[13]
SIUL
GPIO[93]
GPIO[93]
eTimer_1
ETC[4]
ETC[4]
SIUL
—
EIRQ[31]
B15
B[0]
SIUL
GPIO[16]
GPIO[16]
FlexCAN_0
TXD
—
eTimer_1
ETC[2]
ETC[2]
SSCM
DEBUG[0]
—
SIUL
—
EIRQ[15]
B16
VDD_HV_IO_RING
—
B17
VSS_HV_IO_RING
—
C1
VDD_HV_IO_RING
—
Table 4. LFBGA257 pin function summary (continued)
Pin #
Port/function
Peripheral
Output function
Input function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More