전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RPC56EL60L5CFQR 데이터시트(PDF) 124 Page - STMicroelectronics

부품명 RPC56EL60L5CFQR
상세설명  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5CFQR 데이터시트(HTML) 124 Page - STMicroelectronics

Back Button RPC56EL60L5CFQR Datasheet HTML 120Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 121Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 122Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 123Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 124Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 125Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 126Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 127Page - STMicroelectronics RPC56EL60L5CFQR Datasheet HTML 128Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 137 page
background image
Electrical characteristics
RPC56EL60L5
124/137
DocID026934 Rev 1
Figure 28. Nexus TDI, TMS, TDO timing
3.20.5
External interrupt timing (IRQ pin)
TDO/RDY
8
9
TMS, TDI
10
TCK
6
7
Table 37. External interrupt timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tIPWL
D
IRQ pulse width low
—
3
—
tCYC
2tIPWH
D
IRQ pulse width high
—
3
—
tCYC
3tICYC
D
IRQ edge to edge time(1)
—6
—
tCYC
1.
Applies when IRQ pins are configured for rising edge or falling edge events, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More