| 전자부품 데이터시트 검색엔진 |
|
RPC56EL60L5CFQR 데이터시트(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
RPC56EL60L5CFQR 데이터시트(HTML) 50 Page - STMicroelectronics |
|
50 / 137 page ![]() Package pinouts and signal descriptions RPC56EL60L5 50/137 DocID026934 Rev 1 C16 A[4] SIUL GPIO[4] GPIO[4] eTimer_1 ETC[0] ETC[0] DSPI_2 CS1 — eTimer_0 ETC[4] ETC[4] MC_RGM — FAB SIUL — EIRQ[4] C17 F[12] SIUL GPIO[92] GPIO[92] eTimer_1 ETC[3] ETC[3] SIUL — EIRQ[30] D1 F[5] SIUL GPIO[85] GPIO[85] NPC MDO[2] — D2 F[4] SIUL GPIO[84] GPIO[84] NPC MDO[3] — D3 A[15] SIUL GPIO[15] GPIO[15] eTimer_1 ETC[5] ETC[5] FlexCAN_1 — RXD FlexCAN_0 — RXD SIUL — EIRQ[14] D4 C[6] SIUL GPIO[38] GPIO[38] DSPI_0 SOUT — FlexPWM_0 B[1] B[1] SSCM DEBUG[6] — SIUL — EIRQ[24] D5 VSS_LV_CORE_RING — D6 VDD_LV_CORE_RING — D7 F[0] SIUL GPIO[80] GPIO[80] FlexPWM_0 A[1] A[1] eTimer_0 — ETC[2] SIUL — EIRQ[28] D8 VDD_HV_IO_RING — D9 VSS_HV_IO_RING — D10 Not connected — Table 4. LFBGA257 pin function summary (continued) Pin # Port/function Peripheral Output function Input function |