| 전자부품 데이터시트 검색엔진 |
|
SP1ML-868 데이터시트(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SP1ML-868 데이터시트(HTML) 18 Page - STMicroelectronics |
|
18 / 27 page ![]() Module operation SP1ML 18/27 DocID026906 Rev 4 Table 10. Configuration registers # Name Description S00 BAUD_RATE General: Baud rate of the UART interface in bps. The baud rate is stored when the configuration is stored. Values: Most standard baud rates from 9600 to 921600. Default: 115200 S01 FREQUENCY Radio: Frequency in Hz. Values: Must be within the operating frequency range of the module. Default: 868000000 (for SP1ML-868) 915000000 (for SP1ML-915) S02 DATA_RATE Radio: Data rate in bps. The data rate for OOK and ASK modulation schemes is limited to 250000bps. Values: From 1000 to 500000 Default: 38400 S03 MODULATION Radio: Modulation scheme. Values: 0 = 2-FSK 1 = GFSK05 2 = GFSK1 3 = GMSK 4 = OOK 5 = ASK Default: 0 S04 OUTPUT_POWER Radio: Output power in dBm. Values: -34 to +11.6 Default: +11.6 S05 FREQ_DEVIATION Radio: Frequency deviation in kHz. Values: Up to 732 Default: 20 S06 RX_FILTER Radio: RX digital filter cutoff frequency in kHz. Values: Up to 769 Default: 100 S07 CS_MODE Radio: Carrier sense mode. Values: 0 = Static sensing 1 = Dynamic sensing with 6 dB dynamic threshold 2 = Dynamic sensing with 12 dB dynamic threshold 3 = Dynamic sensing with 18 dB dynamic threshold Default: 0 |