전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB35N60DM2 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 STB35N60DM2
상세설명  Extremely low gate charge and input capacitance
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB35N60DM2 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button STB35N60DM2 Datasheet HTML 5Page - STMicroelectronics STB35N60DM2 Datasheet HTML 6Page - STMicroelectronics STB35N60DM2 Datasheet HTML 7Page - STMicroelectronics STB35N60DM2 Datasheet HTML 8Page - STMicroelectronics STB35N60DM2 Datasheet HTML 9Page - STMicroelectronics STB35N60DM2 Datasheet HTML 10Page - STMicroelectronics STB35N60DM2 Datasheet HTML 11Page - STMicroelectronics STB35N60DM2 Datasheet HTML 12Page - STMicroelectronics STB35N60DM2 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
STB35N60DM2
Package information
DocID028331 Rev 1
9/15
4
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK
® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK
® is an ST trademark.
4.1
D²PAK (TO-263) type A package information
Figure 20: D²PAK (TO-263) type A package outline
0079457_A_rev22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15