전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STW28N60DM2 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 STW28N60DM2
상세설명  Extremely low gate charge and input capacitance
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW28N60DM2 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button STW28N60DM2 Datasheet HTML 12Page - STMicroelectronics STW28N60DM2 Datasheet HTML 13Page - STMicroelectronics STW28N60DM2 Datasheet HTML 14Page - STMicroelectronics STW28N60DM2 Datasheet HTML 15Page - STMicroelectronics STW28N60DM2 Datasheet HTML 16Page - STMicroelectronics STW28N60DM2 Datasheet HTML 17Page - STMicroelectronics STW28N60DM2 Datasheet HTML 18Page - STMicroelectronics STW28N60DM2 Datasheet HTML 19Page - STMicroelectronics STW28N60DM2 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Package information
STB28N60DM2, STP28N60DM2, STW28N60DM2
18/20
DocID027040 Rev 4
Table 13: TO-247 package mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
ØP
3.55
3.65
ØR
4.50
5.50
S
5.30
5.50
5.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20