전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STL11N6F7 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STL11N6F7
상세설명  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL11N6F7 데이터시트(HTML) 4 Page - STMicroelectronics

  STL11N6F7 Datasheet HTML 1Page - STMicroelectronics STL11N6F7 Datasheet HTML 2Page - STMicroelectronics STL11N6F7 Datasheet HTML 3Page - STMicroelectronics STL11N6F7 Datasheet HTML 4Page - STMicroelectronics STL11N6F7 Datasheet HTML 5Page - STMicroelectronics STL11N6F7 Datasheet HTML 6Page - STMicroelectronics STL11N6F7 Datasheet HTML 7Page - STMicroelectronics STL11N6F7 Datasheet HTML 8Page - STMicroelectronics STL11N6F7 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STL11N6F7
4/13
DocID028134 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 4: Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown voltage
ID= 1mA, VGS = 0 V
60
V
IDSS
Zero gate voltage drain current
VGS= 0 V , VDS=60 V
1
µA
IGSS
Gate-body leakage current
VGS = 20 V, VDS = 0 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250 μA
2
4
V
RDS(on)
Static drain-source on-resistance
VGS = 10 V, ID = 5.5 A
10
12
mΩ
Table 5: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 30 V, f = 1 MHz,VGS = 0 V
-
1035
-
pF
Coss
Output capacitance
-
450
-
pF
Crss
Reverse transfer
capacitance
-
53
-
pF
Qg
Total gate charge
VDD = 30 V, ID = 11 A,
VGS = 10 V
(see Figure 14: "Test circuit for gate
charge behavior")
-
17
-
nC
Qgs
Gate-source charge
-
5.7
-
nC
Qgd
Gate-drain charge
-
5.7
-
nC
Table 6: Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
Turn-on delay
time
VDD = 30 V, ID = 5.5 A,
RG = 4.7 Ω, VGS = 10 V
(see Figure 13: "Test circuit for resistive
load switching times")
-
14.5
-
ns
tr
Rise time
-
15.3
-
ns
td(off)
Turn-off delay
time
-
19.4
-
ns
tf
Fall time
-
8
-
ns
Table 7: Source-drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSD
(1)
Forward on
voltage
ISD = 11 A, VGS = 0 V
-
1.2
V
trr
Reverse
recovery time
ID = 11 A, di/dt = 100 A/µs
VDD = 48 V
(see Figure 15: "Test circuit for inductive
load switching and diode recovery
times")
-
26.8
ns
Qrr
Reverse
recovery charge
-
14.2
nC
IRRM
Reverse
recovery current
-
1.06
A
Notes:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com