전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCF40106 데이터시트(PDF) 15 Page - STMicroelectronics

부품명 HCF40106
상세설명  Hex Schmitt trigger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF40106 데이터시트(HTML) 15 Page - STMicroelectronics

Back Button HCF40106 Datasheet HTML 8Page - STMicroelectronics HCF40106 Datasheet HTML 9Page - STMicroelectronics HCF40106 Datasheet HTML 10Page - STMicroelectronics HCF40106 Datasheet HTML 11Page - STMicroelectronics HCF40106 Datasheet HTML 12Page - STMicroelectronics HCF40106 Datasheet HTML 13Page - STMicroelectronics HCF40106 Datasheet HTML 14Page - STMicroelectronics HCF40106 Datasheet HTML 15Page - STMicroelectronics HCF40106 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
DocID002017 Rev 4
15/16
HCF40106
Ordering information
16
6
Ordering information
7
Revision history
Table 10. Order codes
Order code
Temperature range
Package
Packing
Marking
HCF40106M013TR
-55 ° C to +125 ° C
SO-14
Tape &
reel
HCF40106
HCF40106YM013TR(1)
1. Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 and Q002 or equivalent.
-40 ° C to +125 ° C
SO-14
(automotive grade)(1)
HCF40106Y
Table 11. Document revision history
Date
Revision
Changes
19-Feb-2013
3
Document template and layout updated
Updated package names (PDIP-14 and SO-14 instead of DIP-14
and SOP-14)
Updated Features
Added Applications
Updated Device summary table
Removed “HCC” from Figure 7, Figure 8, and Figure 9
Added Section 6: Ordering information
06-Jan-2014
4
Removed DIP package option
Added ESD performance to Features
Updated footnote 1 of Table 1: Device summary table
Updated footnote 1 of Table 10: Order codes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com