전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6699D 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 L6699D
상세설명  Enhanced high voltage resonant controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6699D 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button L6699D Datasheet HTML 27Page - STMicroelectronics L6699D Datasheet HTML 28Page - STMicroelectronics L6699D Datasheet HTML 29Page - STMicroelectronics L6699D Datasheet HTML 30Page - STMicroelectronics L6699D Datasheet HTML 31Page - STMicroelectronics L6699D Datasheet HTML 32Page - STMicroelectronics L6699D Datasheet HTML 33Page - STMicroelectronics L6699D Datasheet HTML 34Page - STMicroelectronics L6699D Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
L6699
Line sensing function
Doc ID 022835 Rev 2
31/38
Figure 22.
Line sensing function: internal block diagram and timing diagram
While the line undervoltage is active there is no switching activity, therefore the VCC voltage
(if not supplied by another source) continuously oscillates between the startup and the
UVLO thresholds, as shown in the timing diagram of
Figure 22.
The LINE pin, while the device is operating, is a high impedance input connected to high
value resistors, so it is prone to pick-up noise,. This might alter VinOFF or give rise to
undesired switch-off of the IC during ESD tests. It is possible to bypass the pin to ground
with a small film capacitor (e.g. 1-10 nF) to prevent any malfunctioning of this kind.
If the function is not used the pin can be pulled high by connecting it to VCC through a
resistor in the hundred k
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38