전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24M02-DRMN6TG 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 M24M02-DRMN6TG
상세설명  2-Mbit serial IC bus EEPROM
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M02-DRMN6TG 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button M24M02-DRMN6TG Datasheet HTML 7Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 8Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 9Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 10Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 11Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 12Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 13Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 14Page - STMicroelectronics M24M02-DRMN6TG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DocID18204 Rev 8
11/38
M24M02-DR
Device operation
37
4
Device operation
The device supports the I2C protocol. This is summarized in Figure 6. Any device that sends
data on to the bus is defined to be a transmitter, and any device that reads the data to be a
receiver. The device that controls the data transfer is known as the bus master, and the
other as the slave device. A data transfer can only be initiated by the bus master, which will
also provide the serial clock for synchronization. The device is always a slave in all
communications.
Figure 6. I2C bus protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38