| 전자부품 데이터시트 검색엔진 |
|
L78L08ACUTR 데이터시트(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L08ACUTR 데이터시트(HTML) 44 Page - STMicroelectronics |
|
44 / 46 page ![]() Ordering information L78L 44/46 DocID2145 Rev 25 L78L12ABD-TR 78L12B SO-8 12 V L78L12ABUTR 8K SOT-89 12 V L78L12ABZ L78L12A TO-92 12 V L78L12ABZ-AP L78L12A TO 92 12 V L78L12ACD13TR 78L12A SO-8 12 V L78L12ACUTR 8K SOT-89 12 V L78L12ACZ L78L12A TO-92 12 V L78L12ACZ-AP L78L12A TO-92 12 V L78L12ACZ-TR L78L12A TO-92 12 V L78L12CD13TR 78L12 SO-8 12 V L78L15ABUTR 8L SOT-89 15 V L78L15ABZ-AP L78L15A TO-92 15 V L78L15ACD13TR 78L15A SO-8 15 V L78L15ACUTR 8L SOT-89 15 V L78L15ACZ L78L15A TO-92 15 V L78L15CD-TR 78L15 SO-8 15 V L78L18ACUTR 8B SOT-89 18 V L78L18CD13TR L78L18 SO-8 18 V L78L24ABZ-TR L78L24A TO-92 24 V L78L24ACUTR 8P SOT-89 24 V L78L24ACZ-AP L78L24A TO-92 24 V L78L24CD-TR 78L24 SO-8 24 V L78L33ABD-TR 78L33B SO-8 3.3 V L78L33ABUTR 8A SOT-89 3.3 V L78L33ABZ-AP L78L33A TO-92 3.3 V L78L33ACD13TR 78L33A SO-8 3.3 V L78L33ACUTR 8A SOT-89 3.3 V L78L33ACZ L78L33A TO-92 3.3 V L78L33ACZ-AP L78L33A TO-92 3.3 V L78L33ACZTR L78L33A TO-92 3.3 V Table 29. Marking information (continued) Part numbers Marking Packages Output voltages |