| 전자부품 데이터시트 검색엔진 |
|
M24512-125 데이터시트(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24512-125 데이터시트(HTML) 21 Page - STMicroelectronics |
|
21 / 30 page ![]() M24512-125 DC and AC parameters Doc ID 022650 Rev 1 21/30 8 DC and AC parameters This section summarizes the operating and measurement conditions, and the DC and AC characteristics of the device. Figure 10. AC measurement I/O waveform Table 7. Operating conditions (voltage range W) Symbol Parameter Min. Max. Unit VCC Supply voltage 2.5 5.5 V TA Ambient operating temperature –40 125 °C Table 8. AC measurement conditions Symbol Parameter Min. Max. Unit Cbus Load capacitance 100 pF SCL input rise/fall time, SDA input fall time 50 ns Input levels 0.2 VCC to 0.8 VCC V Input and output timing reference levels 0.3 VCC to 0.7 VCC V |