전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STLD41PUR 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 STLD41PUR
상세설명  White LED driver for mid-size LCD display backlight
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLD41PUR 데이터시트(HTML) 5 Page - STMicroelectronics

  STLD41PUR Datasheet HTML 1Page - STMicroelectronics STLD41PUR Datasheet HTML 2Page - STMicroelectronics STLD41PUR Datasheet HTML 3Page - STMicroelectronics STLD41PUR Datasheet HTML 4Page - STMicroelectronics STLD41PUR Datasheet HTML 5Page - STMicroelectronics STLD41PUR Datasheet HTML 6Page - STMicroelectronics STLD41PUR Datasheet HTML 7Page - STMicroelectronics STLD41PUR Datasheet HTML 8Page - STMicroelectronics STLD41PUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
STLD41
Maximum ratings
Doc ID 022283 Rev 5
5/19
3
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VIN
Signal supply voltage
- 0.3 to 23
V
VLX
Inductor connection
- 0.3 to 40
V
FB
Feedback connection
- 0.3 to 2
V
EN
Logic pin
- 0.3 to 21
V
PWM_IN
PWM input
- 0.3 to 6
V
ESD
Human body model
± 2kV
PTOT
Continuous power dissipation (at TA = 70 °C)
(1)
1.
Power dissipation is dependent on the PCB. PCB design recommendations are included in
Section 7.5: PCB layout.
TBD
mW
TOP
Operating ambient temperature range
- 40 to 85
°C
TJ
Junction temperature
- 40 to 150
°C
TSTG
Storage temperature range
- 65 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient
46
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19