전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM120SR 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 STPS20SM120SR
상세설명  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM120SR 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button STPS20SM120SR Datasheet HTML 6Page - STMicroelectronics STPS20SM120SR Datasheet HTML 7Page - STMicroelectronics STPS20SM120SR Datasheet HTML 8Page - STMicroelectronics STPS20SM120SR Datasheet HTML 9Page - STMicroelectronics STPS20SM120SR Datasheet HTML 10Page - STMicroelectronics STPS20SM120SR Datasheet HTML 11Page - STMicroelectronics STPS20SM120SR Datasheet HTML 12Page - STMicroelectronics STPS20SM120SR Datasheet HTML 13Page - STMicroelectronics STPS20SM120SR Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
DocID022921 Rev 2
13/14
STPS20SM120S
Ordering information
14
3
Ordering information
4
Revision history
Table 9. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
STPS20SM120SR
PS20SM120SR
I2PAK
1.49 g
50
Tube
STPS20SM120STN
PS20SM120STN
TO-220AB
narrow leads
1.9 g
50
Tube
STPS20SM120ST
PS20SM120ST
TO-220AB
2.2 g
50
Tube
STPS20SM120SFP
PS20SM120SFP
TO-220FPAB
1.7 g
50
Tube
Table 10. Document revision history
Date
Revision
Changes
02-Apr-2012
1
First issue.
13-Nov-2014
2
Added TO-220AB and TO-220FPAB package information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com