전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS20SM120STN 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STPS20SM120STN
상세설명  Power Schottky rectifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20SM120STN 데이터시트(HTML) 2 Page - STMicroelectronics

  STPS20SM120STN Datasheet HTML 1Page - STMicroelectronics STPS20SM120STN Datasheet HTML 2Page - STMicroelectronics STPS20SM120STN Datasheet HTML 3Page - STMicroelectronics STPS20SM120STN Datasheet HTML 4Page - STMicroelectronics STPS20SM120STN Datasheet HTML 5Page - STMicroelectronics STPS20SM120STN Datasheet HTML 6Page - STMicroelectronics STPS20SM120STN Datasheet HTML 7Page - STMicroelectronics STPS20SM120STN Datasheet HTML 8Page - STMicroelectronics STPS20SM120STN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Characteristics
STPS20SM120S
2/14
DocID022921 Rev 2
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.56 x IF(AV) + 0.008 x IF
2
(RMS)
Table 2. Absolute ratings (limiting values with terminals 1 and 3 short circuited at Tamb = 25 °C,
unless otherwise specified)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
120
V
IF(RMS)
Forward rms current
50
A
IF(AV)
Average forward current
20
A
IFSM
Surge non repetitive forward current
tp = 10 ms sine-wave
220
A
PARM
(1)
Repetitive peak avalanche power
Tj = 125 °C, tp = 10 µs
900
W
VARM
(2)
Maximum repetitive peak avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 6A
150
V
VASM
(2)
Maximum single-pulse peak avalanche voltage
tp < 10 µs, Tj < 125 °C, IAR < 6A
150
V
Tstg
Storage temperature range
-65 to +175
°C
Tj
Maximum operating junction temperature(3)
150
°C
1.
For pulse time duration deratings, please refer to Figure 4. More details regarding the avalanche energy measurements
and diode validation in the avalanche are provided in the STMicroelectronics Application notes AN1768, “Admissible
avalanche power of Schottky diodes” and AN2025, “Converter improvement using Schottky rectifier avalanche
specification”.
2.
See Figure 9
3.
condition to avoid thermal runaway for a diode on its own heatsink
dPtot
dTj
<
1
Rth(j-a)
Table 3. Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220AB and TO-220AB narrow leads
1.55
°C/W
TO-220FPAB
4
Table 4. Static electrical characteristics (terminals 1 and 3 short circuited)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IR
(1)
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
40
210
µA
Tj = 125 °C
-
15
40
mA
VF
(2)
Forward voltage drop
Tj = 125 °C
IF = 5 A
-
0.49
0.54
V
Tj = 25 °C
IF = 10 A
-0.75
Tj = 125 °C
-
0.57
0.62
Tj = 25 °C
IF = 20 A
-
0.89
Tj = 125 °C
-
0.65
0.72
1.
Pulse test: tp = 5 ms, δ < 2%
2.
Pulse test: tp = 380 µs, δ < 2%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com