전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DS250DF810ABVT 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 DS250DF810ABVT
상세설명  25 Gbps Multi-Rate 8-Channel Retimer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DS250DF810ABVT 데이터시트(HTML) 9 Page - Texas Instruments

Back Button DS250DF810ABVT Datasheet HTML 4Page - Texas Instruments DS250DF810ABVT Datasheet HTML 5Page - Texas Instruments DS250DF810ABVT Datasheet HTML 6Page - Texas Instruments DS250DF810ABVT Datasheet HTML 7Page - Texas Instruments DS250DF810ABVT Datasheet HTML 8Page - Texas Instruments DS250DF810ABVT Datasheet HTML 9Page - Texas Instruments DS250DF810ABVT Datasheet HTML 10Page - Texas Instruments DS250DF810ABVT Datasheet HTML 11Page - Texas Instruments DS250DF810ABVT Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.51 MAX
TYP
0.405
0.325
6.4
TYP
11.2 TYP
0.8 TYP
0.8 TYP
135X 0.51
0.41
(0.58)
B
13.2
12.9
A
8.2
7.9
(0.9) TYP
(0.8) TYP
(11)
(6)
(0.5)
FCBGA - 2.51 mm max height
ABV0135A
BALL GRID ARRAY
4221740/A 11/2014
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
BALL A1 CORNER
SEATING PLANE
BALL TYP
0.2 C
0.2
C A
B
0.08
C
SYMM
SYMM
BALL A1 CORNER
J
C
D
E
F
G
H
1 2
3 4
15
5 6 7 8 9 10
A
B
11 12 13 14
SCALE 1.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com