전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L5963D-EHT 데이터시트(PDF) 43 Page - STMicroelectronics

부품명 L5963D-EHT
상세설명  Dual monolithic switching regulator with LDO and HSD
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5963D-EHT 데이터시트(HTML) 43 Page - STMicroelectronics

Back Button L5963D-EHT Datasheet HTML 37Page - STMicroelectronics L5963D-EHT Datasheet HTML 38Page - STMicroelectronics L5963D-EHT Datasheet HTML 39Page - STMicroelectronics L5963D-EHT Datasheet HTML 40Page - STMicroelectronics L5963D-EHT Datasheet HTML 41Page - STMicroelectronics L5963D-EHT Datasheet HTML 42Page - STMicroelectronics L5963D-EHT Datasheet HTML 43Page - STMicroelectronics L5963D-EHT Datasheet HTML 44Page - STMicroelectronics L5963D-EHT Datasheet HTML 45Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 45 page
background image
DocID028553 Rev 1
43/45
L5963
Package information
44
9.4
Package marking information
Figure 18. PowerSSO-36 (exp. pad) marking information
Figure 19. PowerSSO-36 (slug up) marking information
Note:
Engineering Samples: these samples are clearly identified by last two digits ‘ES’ in the
marking of each unit. These samples are intended to be used for electrical compatibility
evaluation only; usage for any other purpose may be agreed only upon written authorization
by ST. ST is not liable for any customer usage in production and/or in reliability qualification
trials.
Commercial Samples: Fully qualified parts from ST standard production with no usage
restrictions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45