전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C08-DRDW3TP 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 M24C08-DRDW3TP
상세설명  Automotive 8-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C08-DRDW3TP 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button M24C08-DRDW3TP Datasheet HTML 9Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 10Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 11Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 12Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 13Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 14Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 15Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 16Page - STMicroelectronics M24C08-DRDW3TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
DocID025850 Rev 5
13/39
M24C08-A125
Device operation
38
Note:
A: significant address bit.
X: bit is Don’t Care.
Table 3. Significant address bits
Memory
(Device type identifier = 1010b)
Identification page
(Device type identifier = 1011b)
Random
Address Read
Write
Read
Identification
page
Write
Identification
page
Lock
Identification
page
Read lock status
b2(1)
A9
A9
X
X
X
see Section 4.2.5
b1(1)
A8
A8
X
X
X
b7
A7
A7
0
0
1
b6
A6
A6
X
X
X
b5
A5
A5
X
X
X
b4
A4
A4
X
X
X
b3
A3
A3
A3
A3
X
b2
A2
A2
A2
A2
X
b1
A1
A1
A1
A1
X
b0
A0
A0
A0
A0
X
1. Address bits defined inside the DeviceSelect code (see Table 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39