전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C16-DRMN3TP 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M24C16-DRMN3TP
상세설명  Automotive 16-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C16-DRMN3TP 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M24C16-DRMN3TP Datasheet HTML 5Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 6Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 7Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 8Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 9Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 10Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 11Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 12Page - STMicroelectronics M24C16-DRMN3TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
DocID025622 Rev 5
9/37
M24C16-A125
Device operation
36
3
Device operation
The device supports the I2C protocol (see Figure 3).
The I2C bus is controlled by the bus master and the device is always a slave in all
communications.
The device (bus master or a slave) that sends data on to the bus is defined as a transmitter;
the device (bus master or a slave) is defined as a receiver when reading the data.
Figure 3. I2C bus protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37