| 전자부품 데이터시트 검색엔진 |
|
M24C32-DRDW3TP 데이터시트(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M24C32-DRDW3TP 데이터시트(HTML) 13 Page - STMicroelectronics |
|
13 / 40 page ![]() DocID023377 Rev 6 13/40 M24C32-A125 Device operation 39 Note: A: significant address bit. X: bit is Don’t Care. Table 3. Significant bits within the two address bytes Memory (Device type identifier = 1010b) Identification page (Device type identifier = 1011b) Random Address Read Write Read Identification page Write Identification page Lock Identification page Read lock status b15 X X X X X X b14 X X X X X X b13 X X X X X X b12 X X X X X X b11 A11 A11 X X X X b10 A10 A10 X0 1 0 b9 A9 A9 X X X X b8 A8 A8 X X X X b7 A7 A7 X X X X b6 A6 A6 X X X X b5 A5 A5 X X X X b4 A4 A4 A4 A4 X X b3 A3 A3 A3 A3 X X b2 A2 A2 A2 A2 X X b1 A1 A1 A1 A1 X X b0 A0 A0 A0 A0 XX |