전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24C64-DRMN3TP 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 M24C64-DRMN3TP
상세설명  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMN3TP 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button M24C64-DRMN3TP Datasheet HTML 31Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 32Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 33Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 34Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 35Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 36Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 37Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 38Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
DocID023023 Rev 8
35/40
M24C64-A125
Package mechanical data
39
Figure 15. WFDFPN8 (MLP8) - 8-lead ultra thin fine pitch dual flat no lead,
package outline
1. Drawing is not to scale.
2. The central pad (the area E2 by D2 in the above illustration) must be either connected to Vss or left floating
(not connected) in the end application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40