전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M24128-DRDW8TP 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 M24128-DRDW8TP
상세설명  128-Kbit serial I²C bus EEPROM - 105°C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24128-DRDW8TP 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button M24128-DRDW8TP Datasheet HTML 5Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 6Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 7Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 8Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 9Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 10Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 11Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 12Page - STMicroelectronics M24128-DRDW8TP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
DocID027239 Rev 1
9/41
M24128-DRE
Signal description
2.5
VSS (ground)
VSS is the reference for the VCC supply voltage.
2.6
Supply voltage (VCC)
VCC is the supply voltage pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41