| 전자부품 데이터시트 검색엔진 |
|
M95040-DRMF4TP 데이터시트(PDF) 34 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95040-DRMF4TP 데이터시트(HTML) 34 Page - STMicroelectronics |
|
34 / 41 page ![]() Package mechanical data M95040-A125 M95040-A145 34/41 DocID024225 Rev 6 9 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. 9.1 SO8N package information Figure 21. SO8N – 8-lead plastic small outline, 150 mils body width, package outline 1. Drawing is not to scale. Table 15. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data Symbol millimeters inches(1) Min. Typ. Max. Min. Typ. Max. A - - 1.750 - - 0.0689 A1 0.100 - 0.250 0.0039 - 0.0098 A2 1.250 - - 0.0492 - - b 0.280 - 0.480 0.0110 - 0.0189 c 0.170 - 0.230 0.0067 - 0.0091 D 4.800 4.900 5.000 0.1890 0.1929 0.1969 E 5.800 6.000 6.200 0.2283 0.2362 0.2441 E1 3.800 3.900 4.000 0.1496 0.1535 0.1575 e - 1.270 - - 0.0500 - h 0.250 - 0.500 0.0098 - 0.0197 k 0° - 8° 0° - 8° L 0.400 - 1.270 0.0157 - 0.0500 |