| 전자부품 데이터시트 검색엔진 |
|
M95020-DWMF4TG 데이터시트(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95020-DWMF4TG 데이터시트(HTML) 24 Page - STMicroelectronics |
|
24 / 41 page ![]() Instructions M95020-A125 M95020-A145 24/41 DocID025284 Rev 5 The instruction is discarded, and is not executed, under the following conditions: • If a Write cycle is already in progress • If the Block Protect bits (BP1,BP0) = (1,1) • If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied. |