| 전자부품 데이터시트 검색엔진 |
|
M95080-DWMN4TG 데이터시트(PDF) 41 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-DWMN4TG 데이터시트(HTML) 41 Page - STMicroelectronics |
|
41 / 42 page ![]() DocID024205 Rev 8 41/42 M95080-A125 M95080-A145 Revision history 41 11 Revision history Table 20. Document revision history Date Revision Changes 01-Feb-2013 1 Initial release. 06-May-2013 2 – Added WFDFPN8 (MF) package. – Removed UFDFPN8 (MLP8) package. – Updated note (1) under Table 8: Absolute maximum ratings. 06-Jun-2013 3 Updated Table 7: Significant bits within the two address bytes. Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package outline 10-Dec-2013 4 Modified the Data retention from “40 years at 50 °C” to “50 years at 125 °C” Document status changed from “Preliminary data” to “production data. 21-Mar-2014 5 ID page related instructions: address bit change from A9 to A7. Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package mechanical data Added note2 to Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package outline 25-Sept-2014 6 Updated Note 2 below Table 8: Absolute maximum ratings. Updated Table 14: DC characteristics (voltage range R, temperature range 3). Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package mechanical data Updated Table 19: Ordering information scheme. Added Note 2 below Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package outline. 13-Jan-2015 7 Updated Table 18: WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package mechanical data Updated Figure 24: WFDFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch dual flat package outline Added paragraph: Engineering samples on page 40 12-Feb-2016 8 Updated – Section 9: Package mechanical data –VCC min value. |