전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95040-DWMF4TG 데이터시트(PDF) 24 Page - STMicroelectronics

부품명 M95040-DWMF4TG
상세설명  Automotive 4-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-DWMF4TG 데이터시트(HTML) 24 Page - STMicroelectronics

Back Button M95040-DWMF4TG Datasheet HTML 20Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 21Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 22Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 23Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 24Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 25Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 26Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 27Page - STMicroelectronics M95040-DWMF4TG Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Instructions
M95040-A125 M95040-A145
24/41
DocID024225 Rev 6
Driving Chip Select (S) high at a byte boundary of the input data triggers the self-timed Write
cycle which duration is tW (specified in Table 14). The instruction sequence is shown in
Figure 15.
The instruction is discarded, and is not executed, under the following conditions:
•
If a Write cycle is already in progress
•
If the Block Protect bits (BP1,BP0) = (1,1)
•
If one of the conditions defined in Section 3.4.1: Protocol control is not satisfied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41