전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-DRDW4TG 데이터시트(PDF) 39 Page - STMicroelectronics

부품명 M95080-DRDW4TG
상세설명  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DRDW4TG 데이터시트(HTML) 39 Page - STMicroelectronics

Back Button M95080-DRDW4TG Datasheet HTML 34Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 35Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 36Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 37Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 38Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 39Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 40Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 41Page - STMicroelectronics M95080-DRDW4TG Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
DocID024205 Rev 8
39/42
M95080-A125 M95080-A145
Package mechanical data
41
Table 18. WFPN8 (MLP8) – 8-lead, 2 x 3 mm, 0.5 mm pitch very very thin fine pitch
dual flat package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are converted from mm and rounded to four decimal digits.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.700
0.750
0.800
0.0276
0.0295
0.0315
A1
0.025
0.045
0.065
0.0010
0.0018
0.0026
b
0.200
0.250
0.300
0.0079
0.0098
0.0118
D
1.900
2.000
2.100
0.0748
0.0787
0.0827
E
2.900
3.000
3.100
0.1142
0.1181
0.1220
e
-
0.500
-
-
0.0197
-
L1
-
-
0.150
-
-
0.0059
L3
0.300
-
-
0.0118
-
-
D2
1.050
-
1.650
0.0413
-
0.0650
E2
1.050
-
1.450
0.0413
-
0.0571
K
0.400
-
-
0.0157
-
-
L
0.300
-
0.500
0.0118
-
0.0197
NX(2)
2. NX is the number of terminals.
8
ND(3)
3. ND is the number of terminals on “D” sides.
4
aaa
0.150
0.0059
bbb
0.100
0.0039
ccc
0.100
0.0039
ddd
0.050
0.0020
eee(4)
4. Applied for exposed die paddle and terminals. Exclude embedding part of exposed die paddle from mea-
suring.
0.080
0.0031



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com