전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

RX95HF 데이터시트(PDF) 35 Page - STMicroelectronics

부품명 RX95HF
상세설명  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF 데이터시트(HTML) 35 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 31Page - STMicroelectronics RX95HF Datasheet HTML 32Page - STMicroelectronics RX95HF Datasheet HTML 33Page - STMicroelectronics RX95HF Datasheet HTML 34Page - STMicroelectronics RX95HF Datasheet HTML 35Page - STMicroelectronics RX95HF Datasheet HTML 36Page - STMicroelectronics RX95HF Datasheet HTML 37Page - STMicroelectronics RX95HF Datasheet HTML 38Page - STMicroelectronics RX95HF Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
DocID023884 Rev 3
35/44
RX95HF
Package mechanical data
43
Note:
1) AMKOR Variation B. Dimensions are not in accordance with JEDEC.
2) AMKOR and MUAR.
Table 38. 32-pin VFQFPN package mechanical data
Symbol
millimeters
inches(1)
1. Values in inches are rounded to 4 decimal digits.
Note
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.800
0.900
1.000
0.0315
0.0354
0.0394
A1
0.000
0.020
0.050
0.0000
0.0008
0.0020
A3
0.200
0.0079
b
0.180
0.250
0.300
0.0071
0.0098
0.0118
D
4.850
5.000
5.150
0.1909
0.1969
0.2028
D2 (AMK_B)
3.500
3.600
3.700
0.1378
0.1417
0.1457
1
E
4.850
5.000
5.150
0.1909
0.1969
0.2028
E2 (AMK_B)
3.500
3.600
3.700
0.1378
0.1417
0.1457
1
e
0.500
0.0197
L
0.300
0.400
0.500
0.0118
0.0157
0.0197
ddd (AMK)
0.050
0.0020
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44