| 전자부품 데이터시트 검색엔진 |
|
SRTAG512L 데이터시트(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
SRTAG512L 데이터시트(HTML) 26 Page - STMicroelectronics |
|
26 / 51 page ![]() RF command sets SRTAG512L 26/51 DocID027439 Rev 2 5.6.2 Status and error codes This section lists the status and the error code of the SRTAG512L. ReadBinary Read data from a file UpdateBinary Write new data to a file Table 19. Command set overview (continued) Command name Brief description Table 20. Status code of the SRTAG512L SW1 SW2 Comment Value 0x90 0x00 Command completed successfully Table 21. Error code of the SRTAG512L SW1 SW2 Comment Length 1 byte 1 byte Value 0x62 0x82 End of file or record reached before reading Le bytes Value 0x63 0x00 Password is required Value 0x63 0xCX Password is incorrect, X further retries allowed (X can take value 0,1, 2) Value 0x65 0x81 Unsuccessful updating Value 0x67 0x00 Wrong frame length Value 0x69 0x81 Cmd is incompatible with the file structure Value 0x69 0x82 Security status not satisfied Value 0x69 0x84 Reference data not usable Value 0x6A 0x80 Incorrect parameters Le or Lc Value 0x6A 0x82 File or application not found Value 0x6A 0x84 File overflow (Lc error) Value 0x6A 0x86 Incorrect P1 or P2 values Value 0x6D 0x00 INS field not supported Value 0x6E 0x00 Class not supported |