전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST25TA512 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 ST25TA512
상세설명  NFC Forum Type 4 Tag IC with 512 bits EEPROM
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST25TA512 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button ST25TA512 Datasheet HTML 13Page - STMicroelectronics ST25TA512 Datasheet HTML 14Page - STMicroelectronics ST25TA512 Datasheet HTML 15Page - STMicroelectronics ST25TA512 Datasheet HTML 16Page - STMicroelectronics ST25TA512 Datasheet HTML 17Page - STMicroelectronics ST25TA512 Datasheet HTML 18Page - STMicroelectronics ST25TA512 Datasheet HTML 19Page - STMicroelectronics ST25TA512 Datasheet HTML 20Page - STMicroelectronics ST25TA512 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
DocID027776 Rev 1
17/50
ST25TA512
ST25TA512 memory management
If enabled, the Read/Write counter will have an impact on the execution time of the event
which is countered: the counter increment needs some write cycles of specific EEPROM
cells automatically managed by ST25TA512, which increase the total time before the
response is sent to the reader.
As a consequence, an S(WTX) request can be issued on the command that will increment
the counter (see Section 5.4: S-Block format).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50