전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST2149B 데이터시트(PDF) 7 Page - STMicroelectronics

부품명 ST2149B
상세설명  4-bit dual supply level translator without direction control pin
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST2149B 데이터시트(HTML) 7 Page - STMicroelectronics

Back Button ST2149B Datasheet HTML 3Page - STMicroelectronics ST2149B Datasheet HTML 4Page - STMicroelectronics ST2149B Datasheet HTML 5Page - STMicroelectronics ST2149B Datasheet HTML 6Page - STMicroelectronics ST2149B Datasheet HTML 7Page - STMicroelectronics ST2149B Datasheet HTML 8Page - STMicroelectronics ST2149B Datasheet HTML 9Page - STMicroelectronics ST2149B Datasheet HTML 10Page - STMicroelectronics ST2149B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
ST2149B
Logic diagram
Doc ID 023310 Rev 1
7/23
3
Logic diagram
Figure 2.
Logic block diagram
Device block diagrams
Figure 3.
ST2149BQTR block diagram
1.
When OE is LOW, all I/Os are in high-impedance mode.
2.
ST2149BQTR has 4 channels. For simplicity, the above diagram shows only 1 channel.
ST2149



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23