전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

C508 데이터시트(PDF) 22 Page - Infineon Technologies AG

부품명 C508
상세설명  8-Bit CMOS Microcontroller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INFINEON [Infineon Technologies AG]
홈페이지  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

C508 데이터시트(HTML) 22 Page - Infineon Technologies AG

Back Button C508 Datasheet HTML 18Page - Infineon Technologies AG C508 Datasheet HTML 19Page - Infineon Technologies AG C508 Datasheet HTML 20Page - Infineon Technologies AG C508 Datasheet HTML 21Page - Infineon Technologies AG C508 Datasheet HTML 22Page - Infineon Technologies AG C508 Datasheet HTML 23Page - Infineon Technologies AG C508 Datasheet HTML 24Page - Infineon Technologies AG C508 Datasheet HTML 25Page - Infineon Technologies AG C508 Datasheet HTML 26Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 93 page
background image
C508
Data Sheet
18
2000-08
Special Function Registers
The registers, except the program counter and the four general purpose register banks,
reside in the special function register area.
The 81 special function registers (SFRs) in the standard and mapped SFR area include
pointers and registers that provide an interface between the CPU and the other on-chip
peripherals. All SFRs with addresses where address bits 0-2 are 0 (e.g. 80H, 88H, 90H,
98H, …, F0H, F8H) are bit-addressable. The SFRs of the C508 are listed in Table 2 and
Table 3. In Table 2 they are organized in groups which refer to the functional blocks of
the C508. Table 3 illustrates the contents of the SFRs in numeric order of their
addresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93