전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STH315N10F7-2 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 STH315N10F7-2
상세설명  Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET™ F7 Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH315N10F7-2 데이터시트(HTML) 3 Page - STMicroelectronics

  STH315N10F7-2 Datasheet HTML 1Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 2Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 3Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 4Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 5Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 6Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 7Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 8Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID025090 Rev 4
3/19
STH315N10F7-2, STH315N10F7-6
Electrical ratings
19
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage
100
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Current limited by package.
Drain current (continuous) at TC = 25°C
180
A
ID
(1)
Drain current (continuous) at TC=100°C
120
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
720
A
PTOT
Total dissipation at TC = 25°C
315
W
Derating factor
2.1
W/°C
EAS
(3)
3.
Starting TJ=25°C, ID=60 A, VDD=50 V
Single pulse avalanche energy
(TJ = 25 °C, L=0.55 mH, Ias= 65 A)
1J
Tj
Tstg
Operating junction temperature
storage temperature
- 55 to 175
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
Rthj-case
Thermal resistance junction-case
0.48
°C/W
Rthj-pcb
(1)
1.
When mounted on 1 inch² FR-4 board, 2oz Cu
Thermal resistance junction-pcb max
35
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com