| 전자부품 데이터시트 검색엔진 |
|
STM32F303VD 데이터시트(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VD 데이터시트(HTML) 55 Page - STMicroelectronics |
|
55 / 184 page ![]() PB4 JTRST TIM16_ CH1 TIM3_ CH1 TSC_G5 _IO2 TIM8_ CH2N SPI1_ MISO SPI3_MIS O/I2S3ext _SD USART2_ RX -- TIM17_ BKIN -- - - EVENT OUT PB5 - TIM16_ BKIN TIM3_ CH2 TIM8_ CH3N I2C1_ SMBAl SPI1_ MOSI SPI3_MO SI/I2S3_ SD USART2_ CK I2C3_SDA - TIM17_ CH1 -- - - EVENT OUT PB6 - TIM16_ CH1N TIM4_ CH1 TSC_G5 _IO3 I2C1_SCL TIM8_ CH1 TIM8_ ETR USART1_ TX -- TIM8_ BKIN2 -- - - EVENT OUT PB7 - TIM17_ CH1N TIM4_ CH2 TSC_G5 _IO4 I2C1_SDA TIM8_ BKIN - USART1_ RX -- TIM3_ CH4 - FMC_ NADV -- EVENT OUT PB8 - TIM16_ CH1 TIM4_ CH3 TSC_ SYNC I2C1_SCL - - USART3_ RX COMP1_ OUT CAN_RX TIM8_ CH2 - TIM1_ BKIN -- EVENT OUT PB9 - TIM17_ CH1 TIM4_ CH4 -I2C1_SDA - IR-OUT USART3_ TX COMP2_ OUT CAN_TX TIM8_ CH3 -- - - EVENT OUT PB10 - TIM2_ CH3 - TSC_ SYNC -- - USART3_ TX -- - - - - - EVENT OUT PB11 - TIM2_ CH4 - TSC_G6 _IO1 -- - USART3_ RX -- - - - - - EVENT OUT PB12 --- TSC_G6 _IO2 I2C2_ SMBAL SPI2_NSS /I2S2_WS TIM1_ BKIN USART3_ CK -- - - - - - EVENT OUT PB13 --- TSC_G6 _IO3 - SPI2_SCK /I2S2_CK TIM1_ CH1N USART3_ CTS -- - - - - - EVENT OUT Table 14. STM32F303xD/E alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS_AF TIM2/15/ 16/17/E VENT I2C3/TIM1 /2/3/4/8/20 /15/GPCO MP1 I2C3/TIM 8/20/15/G PCOMP7 /TSC I2C1/2/TI M1/8/16/1 7 SPI1/SPI2 /I2S2/SPI3 /I2S3/SPI4 /UART4/5/ TIM8/Infra red SPI2/I2S2/ SPI3/I2S3/ TIM1/8/20/ Infrared USART1/ 2/3/CAN/ GPCOMP 3/5/6 I2C3/GPC OMP1/2/3/ 4/5/6 CAN/TIM1 /8/15 TIM2/3/ 4/8/17 TIM1/8 SDIO/FS MC/TIM1 - - EVENT |