| 전자부품 데이터시트 검색엔진 |
|
STM32F745ZG 데이터시트(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F745ZG 데이터시트(HTML) 57 Page - STMicroelectronics |
|
57 / 227 page ![]() DocID027590 Rev 4 57/227 STM32F745xx STM32F746xx Pinouts and pin description 88 18 F3 J9 29 M5 35 38 L4 PC3 I/O FT (4) SPI2_MOSI/I2S2_SD, OTG_HS_ULPI_NXT, ETH_MII_TX_CLK, FMC_SDCKE0, EVENTOUT ADC123_IN1 3 - - G7 30 G3 36 39 J5 VDD S - - - - - - - - - - - J6 VSS S - - - - 19 G1 K10 31 M1 37 40 M1 VSSA S - - - - - - - - N1 - - N1 VREF- S - - - - 20 - L11 32 P1 38 41 P1 VREF+ S - - - - 21 H1 L10 33 R1 39 42 R1 VDDA S - - - - 22 G2 K9 34 N3 40 43 N3 PA0- WKUP(P A0) I/O FT (5) TIM2_CH1/TIM2_ETR, TIM5_CH1, TIM8_ETR, USART2_CTS, UART4_TX, SAI2_SD_B, ETH_MII_CRS, EVENTOUT ADC123_IN0, WKUP1(4) 23 H2 K8 35 N2 41 44 N2 PA1 I/O FT (4) TIM2_CH2, TIM5_CH2, USART2_RTS, UART4_RX, QUADSPI_BK1_IO3, SAI2_MCK_B, ETH_MII_RX_CLK/ETH_ RMII_REF_CLK, LCD_R2, EVENTOUT ADC123_IN1 24 J2 L9 36 P2 42 45 P2 PA2 I/O FT (4) TIM2_CH3, TIM5_CH3, TIM9_CH1, USART2_TX, SAI2_SCK_B, ETH_MDIO, LCD_R1, EVENTOUT ADC123_IN2, WKUP2 - - - - F4 43 46 K4 PH2 I/O FT LPTIM1_IN2, QUADSPI_BK2_IO0, SAI2_SCK_B, ETH_MII_CRS, FMC_SDCKE0, LCD_R0, EVENTOUT - Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |