| 전자부품 데이터시트 검색엔진 |
|
STM32F745ZG 데이터시트(PDF) 115 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F745ZG 데이터시트(HTML) 115 Page - STMicroelectronics |
|
115 / 227 page ![]() DocID027590 Rev 4 115/227 STM32F745xx STM32F746xx Electrical characteristics 195 Figure 29. Typical VBAT current consumption (RTC ON/BKP SRAM OFF and LSE in high medium drive mode) I/O system current consumption The current consumption of the I/O system has two components: static and dynamic. I/O static current consumption All the I/Os used as inputs with pull-up generate current consumption when the pin is externally held low. The value of this current consumption can be simply computed by using the pull-up/pull-down resistors values given in Table 56: I/O static characteristics. For the output pins, any external pull-down or external load must also be considered to estimate the current consumption. Additional I/O current consumption is due to I/Os configured as inputs if an intermediate voltage level is externally applied. This current consumption is caused by the input Schmitt trigger circuits used to discriminate the input value. Unless this specific configuration is required by the application, this supply current consumption can be avoided by configuring these I/Os in analog mode. This is notably the case of ADC input pins which should be configured as analog inputs. Caution: Any floating input pin can also settle to an intermediate voltage level or switch inadvertently, as a result of external electromagnetic noise. To avoid current consumption related to floating pins, they must either be configured in analog mode, or forced internally to a definite digital value. This can be done either by using pull-up/down resistors or by configuring the pins in output mode. I/O dynamic current consumption In addition to the internal peripheral current consumption (see Table 35: Peripheral current consumption), the I/Os used by an application also contribute to the current consumption. When an I/O pin switches, it uses the current from the MCU supply voltage to supply the I/O |