| 전자부품 데이터시트 검색엔진 |
|
STM32F746BE 데이터시트(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746BE 데이터시트(HTML) 56 Page - STMicroelectronics |
|
56 / 227 page ![]() Pinouts and pin description STM32F745xx STM32F746xx 56/227 DocID027590 Rev 4 - - H11 20 L32629 L3 PF8 I/O FT - SPI5_MISO, SAI1_SCK_B, UART7_RTS, TIM13_CH1, QUADSPI_BK1_IO0, EVENTOUT ADC3_IN6 - - G8 21 L2 27 30 L2 PF9 I/O FT - SPI5_MOSI, SAI1_FS_B, UART7_CTS, TIM14_CH1, QUADSPI_BK1_IO1, EVENTOUT ADC3_IN7 - - G9 22 L1 28 31 L1 PF10 I/O FT - DCMI_D11, LCD_DE, EVENTOUT ADC3_IN8 12 C1 J11 23G129 32 G1 PH0- OSC_IN( PH0) I/O FT - EVENTOUT OSC_IN(4) 13 D1 H10 24 H1 30 33 H1 PH1- OSC_OU T(PH1) I/O FT - EVENTOUT OSC_OUT(4) 14 E1 H9 25 J1 31 34 J1 NRST I/O RS T -- - 15 F1 H8 26 M2 32 35 M2 PC0 I/O FT (4) SAI2_FS_B, OTG_HS_ULPI_STP, FMC_SDNWE, LCD_R5, EVENTOUT ADC123_IN1 0 16 F2 K11 27M333 36 M3 PC1 I/O FT (4) TRACED0, SPI2_MOSI/I2S2_SD, SAI1_SD_A, ETH_MDC, EVENTOUT ADC123_IN1 1, RTC_TAMP3, WKUP3 17 E2 J10 28M434 37 M4 PC2 I/O FT (4) SPI2_MISO, OTG_HS_ULPI_DIR, ETH_MII_TXD2, FMC_SDNE0, EVENTOUT ADC123_IN1 2 Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |