| 전자부품 데이터시트 검색엔진 |
|
STM32F746NE 데이터시트(PDF) 65 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746NE 데이터시트(HTML) 65 Page - STMicroelectronics |
|
65 / 227 page ![]() DocID027590 Rev 4 65/227 STM32F745xx STM32F746xx Pinouts and pin description 88 - - G2 93 H14 112 135 H14 PG8 I/O FT - SPI6_NSS, SPDIFRX_IN2, USART6_RTS, ETH_PPS_OUT, FMC_SDCLK, EVENTOUT - - - D2 94 G12 113 136 G10 VSS S - - - - - F6 G1 95 H13 114 137 G11 VDDUSB S - - - - 63 F10 F2 96 H15 115 138 H15 PC6 I/O FT - TIM3_CH1, TIM8_CH1, I2S2_MCK, USART6_TX, SDMMC1_D6, DCMI_D0, LCD_HSYNC, EVENTOUT - 64 E10 F3 97 G15 116 139 G15 PC7 I/O FT - TIM3_CH2, TIM8_CH2, I2S3_MCK, USART6_RX, SDMMC1_D7, DCMI_D1, LCD_G6, EVENTOUT - 65 F9 E4 98 G14 117 140 G14 PC8 I/O FT - TRACED1, TIM3_CH3, TIM8_CH3, UART5_RTS, USART6_CK, SDMMC1_D0, DCMI_D2, EVENTOUT - 66 E9 E3 99 F14 118 141 F14 PC9 I/O FT - MCO2, TIM3_CH4, TIM8_CH4, I2C3_SDA, I2S_CKIN, UART5_CTS, QUADSPI_BK1_IO0, SDMMC1_D1, DCMI_D3, EVENTOUT - 67 D9 F1 100 F15 119 142 F15 PA8 I/O FT - MCO1, TIM1_CH1, TIM8_BKIN2, I2C3_SCL, USART1_CK, OTG_FS_SOF, LCD_R6, EVENTOUT - 68 C9 E2 101 E15 120 143 E15 PA9 I/O FT - TIM1_CH2, I2C3_SMBA, SPI2_SCK/I2S2_CK, USART1_TX, DCMI_D0, EVENTOUT OTG_FS_VB US Table 10. STM32F745xx and STM32F746xx pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |