| 전자부품 데이터시트 검색엔진 |
|
STM32F746NE 데이터시트(PDF) 168 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746NE 데이터시트(HTML) 168 Page - STMicroelectronics |
|
168 / 227 page ![]() Electrical characteristics STM32F745xx STM32F746xx 168/227 DocID027590 Rev 4 Table 87 gives the list of Ethernet MAC signals for MII and Figure 56 shows the corresponding timing diagram. Figure 57. Ethernet MII timing diagram CAN (controller area network) interface Refer to Section 5.3.17: I/O port characteristics for more details on the input/output alternate function characteristics (CANx_TX and CANx_RX). Table 87. Dynamics characteristics: Ethernet MAC signals for MII(1) 1. Guaranteed by characterization results. Symbol Parameter Min Typ Max Unit tsu(RXD) Receive data setup time 3 - - ns tih(RXD) Receive data hold time 1.5 - - tsu(DV) Data valid setup time 0 - - tih(DV) Data valid hold time 1.5 - - tsu(ER) Error setup time 1.5 - - tih(ER) Error hold time 0.5 - - td(TXEN) Transmit enable valid delay time 6.5 7 13.5 td(TXD) Transmit data valid delay time 6.5 7 13.5 |