| 전자부품 데이터시트 검색엔진 |
|
STM32F746VE 데이터시트(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F746VE 데이터시트(HTML) 84 Page - STMicroelectronics |
|
84 / 227 page ![]() Port G PG11 - - - - - - - SPDIFRX _IN0 -- - ETH_MII_ TX_EN/E TH_RMII_ TX_EN - DCMI_D 3 LCD_B3 EVEN TOUT PG12 - - - LPTIM1_I N1 - SPI6_MI SO - SPDIFRX _IN1 USART6 _RTS LCD_B4 - - FMC_NE 4 -LCD_B1 EVEN TOUT PG13 TRACE D0 -- LPTIM1_ OUT - SPI6_SC K -- USART6 _CTS -- ETH_MII_ TXD0/ET H_RMII_T XD0 FMC_A2 4 - LCD_R0 EVEN TOUT PG14 TRACE D1 -- LPTIM1_E TR - SPI6_M OSI -- USART6 _TX QUADSP I_BK2_IO 3 - ETH_MII_ TXD1/ET H_RMII_T XD1 FMC_A2 5 -LCD_B0 EVEN TOUT PG15 - - - - - - - - USART6 _CTS -- - FMC_SD NCAS DCMI_D 13 - EVEN TOUT Port H PH0 - -- - - -- - - - - - --- EVEN TOUT PH1 - -- - - -- - - - - - --- EVEN TOUT PH2 - - - LPTIM1_I N2 -- - - - QUADSP I_BK2_IO 0 SAI2_SC K_B ETH_MII_ CRS FMC_SD CKE0 - LCD_R0 EVEN TOUT PH3 - -- - - -- - - QUADSP I_BK2_IO 1 SAI2_MC K_B ETH_MII_ COL FMC_SD NE0 - LCD_R1 EVEN TOUT PH4 - - - - I2C2_SC L - - --- OTG_HS_ ULPI_NX T - --- EVEN TOUT PH5 - - - - I2C2_SD A SPI5_NS S - --- - - FMC_SD NWE -- EVEN TOUT PH6 - - - - I2C2_SM BA SPI5_SC K -- - TIM12_C H1 - ETH_MII_ RXD2 FMC_SD NE1 DCMI_D 8 - EVEN TOUT PH7 - - - - I2C3_SC L SPI5_MI SO - --- - ETH_MII_ RXD3 FMC_SD CKE1 DCMI_D 9 - EVEN TOUT Table 12. STM32F745xx and STM32F746xx alternate function mapping (continued) Port AF0 AF1 AF2 AF3 AF4 AF5 AF6 AF7 AF8 AF9 AF10 AF11 AF12 AF13 AF14 AF15 SYS TIM1/2 TIM3/4/5 TIM8/9/10/ 11/LPTIM 1/CEC I2C1/2/3/ 4/CEC SPI1/2/3/ 4/5/6 SPI3/ SAI1 SPI2/3/U SART1/2/ 3/UART5/ SPDIFRX SAI2/US ART6/UA RT4/5/7/8 /SPDIFR X CAN1/2/T IM12/13/ 14/QUAD SPI/LCD SAI2/QU ADSPI/O TG2_HS/ OTG1_FS ETH/ OTG1_FS FMC/SD MMC1/O TG2_FS DCMI LCD SYS |