전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP110N8F7 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STP110N8F7
상세설명  High avalanche ruggedness
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP110N8F7 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STP110N8F7 Datasheet HTML 5Page - STMicroelectronics STP110N8F7 Datasheet HTML 6Page - STMicroelectronics STP110N8F7 Datasheet HTML 7Page - STMicroelectronics STP110N8F7 Datasheet HTML 8Page - STMicroelectronics STP110N8F7 Datasheet HTML 9Page - STMicroelectronics STP110N8F7 Datasheet HTML 10Page - STMicroelectronics STP110N8F7 Datasheet HTML 11Page - STMicroelectronics STP110N8F7 Datasheet HTML 12Page - STMicroelectronics STP110N8F7 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STP110N8F7
Package mechanical data
DocID027154 Rev 2
11/13
Table 8: TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.70
c
0.48
0.70
D
15.25
15.75
D1
1.27
E
10
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L
13
14
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13