전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STBP110 데이터시트(PDF) 11 Page - STMicroelectronics

부품명 STBP110
상세설명  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110 데이터시트(HTML) 11 Page - STMicroelectronics

Back Button STBP110 Datasheet HTML 7Page - STMicroelectronics STBP110 Datasheet HTML 8Page - STMicroelectronics STBP110 Datasheet HTML 9Page - STMicroelectronics STBP110 Datasheet HTML 10Page - STMicroelectronics STBP110 Datasheet HTML 11Page - STMicroelectronics STBP110 Datasheet HTML 12Page - STMicroelectronics STBP110 Datasheet HTML 13Page - STMicroelectronics STBP110 Datasheet HTML 14Page - STMicroelectronics STBP110 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
STBP110
Operation
Doc ID 018687 Rev 3
11/40
3.5
Thermal shutdown
If the STBP110 internal junction temperature exceeds the Toff threshold, the internal
MOSFET switch is turned off and the fault indication output FLT is driven low.
To improve thermal robustness, this circuit has a 20 °C hysteresis, THYS(off).
Due to the internal reverse diode, the thermal shutdown is not functional for the reverse
current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40