전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STBP110BUDJ6F 데이터시트(PDF) 31 Page - STMicroelectronics

부품명 STBP110BUDJ6F
상세설명  Overvoltage protection device
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBP110BUDJ6F 데이터시트(HTML) 31 Page - STMicroelectronics

Back Button STBP110BUDJ6F Datasheet HTML 27Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 28Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 29Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 30Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 31Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 32Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 33Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 34Page - STMicroelectronics STBP110BUDJ6F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 40 page
background image
STBP110
Application information
Doc ID 018687 Rev 3
31/40
8.3
PCB layout recommendations
●
Input capacitor C1 should be located as close as possible to the STBP110 device. It
should be a low-ESR ceramic capacitor. Also the protective resistors RFLT and REN
(if used) should be located close to the STBP110 (see Figure 4).
●
For good thermal performance, it is preferred to couple the STBP110 exposed thermal
pads with the PCB ground plane. In most designs, this requires thermal vias between
the copper pads on the PCB and the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40